PART |
Description |
Maker |
ADRF6702 |
1200 MHz to 2400 MHz Quadrature Modulator with 1550 MHz to 2150 MHz Frac-N PLL
|
Analog Devices
|
ADRF6702-EVALZ ADRF6702ACPZ-R7 ADRF6701 ADRF6703 A |
1200 MHz to 2400 MHz Quadrature Modulator 1200 MHz to 2400 MHz Quadrature Modulator with 1550 MHz to 2150 MHz Frac-N PL
|
Analog Devices
|
2324-12L |
12 W, 20 V, 2300-2400 MHz common base transistor 12 Watts - 20 Volts, Class C Microwave 2300 - 2400 MHz NV Trimmer Potentiometer
|
GHz Technology
|
CAT28C65ANI-20 CAT28C65AKI-20 CAT28C65AJ-15 CAT28C |
128Kx8 EEPROM 2400 MHz to 2700 MHz; Package: PG:H-30256-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,420.0 - 2,480.0 MHz; P1dB (typ): 45.0 W; Supply Voltage: 28.0 V; 2400 MHz to 2700 MHz; Package: PG: H-30248-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,500.0 - 2,700.0 MHz; P1dB (typ): 85.0 W; Supply Voltage: 28.0 V; 2400 MHz to 2700 MHz; Package: PG: H-30260-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,620.0 - 2,680.0 MHz; P<sub>1dB</sub> (typ): 130.0 W; Supply Voltage: 28.0 V; x8的EEPROM 2400 MHz to 2700 MHz; Package: PG: H-31260-2; Flange Type: Earless; Matching: I/O; Frequency Band: 2,420.0 - 2,480.0 MHz; P<sub>1dB</sub> (typ): 130.0 W; Supply Voltage: 28.0 V; x8的EEPROM
|
NXP Semiconductors N.V. ZETTLER electronics GmbH
|
MAX2246EBL |
2400 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MAXIM INTEGRATED PRODUCTS INC
|
AWL9924RS34P8 |
2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
ANADIGICS INC
|
ADL5365ACPZ-R7 ADL5365 ADL5365-EVALZ |
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
|
Analog Devices
|
ADL5358 ADL5358-EVALZ ADL5358ACPZ-R2 ADL5358ACPZ-R |
500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
|
Analog Devices
|
CHM1608U-F2R4BL CHM1608U-F2R4CL |
2400 MHz - 2500 MHz RF TRANSFORMER ROHS COMPLIANT
|
TOKO, Inc. TOKO INC
|
3KDAT-31R5-PNT |
0 MHz - 2400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.4 dB INSERTION LOSS-MAX 4 X 4 MM, ROHS COMPLIANT, DG983-1, 20 PIN
|
Mini-Circuits
|